ria electronic, inc . 430 industrial way west, eatontown, nj 07724 phone 1-888-722-5625 ? fax 732-389-9066 ? www.riaelectronic.com ea-14 e subject to technical changes and printing errors. a s t vertical connector two wires per pole double soldering pins 10 l = (circuits - 1) x centerline + 6.6 part numbers (other circuits please consult factory) electrical data voltage 300 v current 20 a wire range 12 - 28 awg square pin .5 mm x 1 mm pcb hole diameter 1.4 mm wire strip length 12 mm mechanical data housing ul 94v-0 -40 f to 189 f (-40 c to 105 c) eccentric lever ul 94hb -40 f to 230 f (-40 c to 110 c) spring clamp stainless chrome molybdenum steel contact pin copper alloy, tin plated colors gray (optional colors see margin) pole sizes 2 to 24 additional material data - pages ea-3 to ea-5 dimensions (mm) mm to inch 1 inch = 25.4 mm 1 mm = .040 inches designed to iec 60664-1 ast10 centerline 5 mm part no. ast10 5 xx complete the part number by adding the pole size. 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 optional colors black, light blue, green, red, dark blue suffixes for color suffix color 02 black 04 gray (standard) 05 light blue 06 green 08 red 13 dark blue for different sequences of colors within the same termi- nal block, i.e. black, red, green, add suffix 99 multiple color please attach the color sequence to your order or consult factory. xx = color suffix - please replace ? xx ? by the requested color suffix (see margin). previously type 434 complete cross reference see page ea-6 note we have changed the springcon part numbers. complete cross reference see page ea-6. !
|